Part Number Hot Search : 
PTMU0524 A116C LL5228B T311008 ST890BD 60NF06 BCM56 560MA
Product Description
Full Text Search
 

To Download AO3415A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO3415A 20v p-channel mosfet general description product summary v ds -20v i d (at v gs =-4.5v) -4a r ds(on) (at v gs = -4.5v) < 41m w r ds(on) (at v gs = -2.5v) < 53m w r ds(on) (at v gs = -1.8v) < 65m w esd protected symbol v ds v gs the AO3415A uses advanced trench technology to provide excellent r ds(on) , low gate charge and operation with gate voltages as low as 1.8v. this device is s uitable for use as a load switch applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted v 8 gate-source voltage drain-source voltage -20 s g d sot23 top view bottom view d g s g s d v gs i dm t j , t stg symbol t 10s steady-state steady-state r q jl c/w c/w maximum junction-to-ambient a d 43 100 52 -30 t a =25c t a =70c pulsed drain current c continuous drain current maximum junction-to-lead junction and storage temperature range parameter typ max units v 8 gate-source voltage a i d -4 -3.5 c/w r q ja 65 85 80 maximum junction-to-ambient a -55 to 150 c thermal characteristics power dissipation b p d t a =25c w 1.5 1 t a =70c rev 2: sep 2011 www.aosmd.com page 1 of 5
AO3415A symbol min typ max units bv dss -20 v v ds =-20v, v gs =0v -1 t j =55c -5 i gss 10 m a v gs(th) gate threshold voltage -0.3 -0.57 -0.9 v i d(on) -30 a 34 41 t j =125c 49 59 42 53 m w 52 65 m w 61 m w g fs 20 s v sd -0.64 -1 v i s -2 a c iss 600 751 905 pf c oss 80 115 150 pf c rss 48 80 115 pf r g 6 13 20 w q g 7.4 9.3 11 nc q gs 0.8 1 1.2 nc q gd 1.3 2.2 3.1 nc t 13 ns electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions diode forward voltage forward transconductance v gs =-4.5v, v ds =-5v v gs =-4.5v, i d =-4a v gs =-2.5v, i d =-4a r ds(on) v gs =0v, v ds =0v, f=1mhz drain-source breakdown voltage on state drain current i s =-1a,v gs =0v v ds =-5v, i d =-4a v gs =-1.5v, i d =-1a v gs =-1.8v, i d =-2a i d =-250 m a, v gs =0v i dss m a v ds =v gs , i d =-250 ma v ds =0v, v gs = 8v zero gate voltage drain current gate-body leakage current m w static drain-source on-resistance maximum body-diode continuous current input capacitance output capacitance dynamic parameters total gate charge v gs =-4.5v, v ds =-10v, i d =-4a gate source charge reverse transfer capacitance v gs =0v, v ds =-10v, f=1mhz switching parameters gate resistance gate drain charge turn-on delaytime t d(on) 13 ns t r 9 ns t d(off) 19 ns t f 29 ns t rr 20 26 32 ns q rr 40 51 62 nc components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time v gs =-4.5v, v ds =-10v, r l =2.5 w , r gen =3 w turn-off fall time body diode reverse recovery charge i f =-4a, di/dt=500a/ m s turn-on rise time turn-off delaytime i f =-4a, di/dt=500a/ m s turn-on delaytime a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedance which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. rev 2: sep 2011 www.aosmd.com page 2 of 5
AO3415A typical electrical and thermal characteristics 0 3 6 9 12 15 0 0.5 1 1.5 2 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 20 40 60 80 100 0 2 4 6 8 10 r ds(on) (m w ww w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.80 1.00 1.20 1.40 1.60 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) 25 c 125 c v ds =-5v v gs =-1.8v v gs =-4.5v 0 5 10 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v gs =-1.5v -2.0v - 4.5v - 8v -2.5v -3.0v v gs =-2.5v v gs =-1.5v i d =-4a, v gs =-4.5v i d =-4a, v gs =-2.5v i d =-2a, v gs =-1.8v voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -i s (a) -v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 20 40 60 80 100 120 0 2 4 6 8 r ds(on) (m w ww w ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =-4a 25 c 125 c rev 2: sep 2011 www.aosmd.com page 3 of 5
AO3415A typical electrical and thermal characteristics 0 1 2 3 4 5 0 2 4 6 8 10 12 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 0 5 10 15 20 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =-10v i d =-4a 1 10 100 1000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 100ms t j(max) =150 c t a =25 c ambient (note f) operating area (note f) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =100 c/w t on t p d rev 2: sep 2011 www.aosmd.com page 4 of 5
AO3415A vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v d u t l v gs isd d iode r e covery te st c ircuit & w aveform s vds - v ds + di/dt rr q = - idt t rr -isd f -i v dc d u t v dd vgs v ds v gs r l r g resistive switching test circuit & w aveform s - + vgs v ds t t t t t t 90% 10% r o n d(o ff) f o ff d(o n) ig v gs - + v d c isd di/dt r m v dd v dd -vds -i rev 2: sep 2011 www.aosmd.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of AO3415A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X